Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download TCG600T450N2L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type TCG Axial Leaded Aluminum Electrolytic Capacitors
85 C Computer Grade Capacitor
Type TCG is an axial leaded, 85 C, industrial and computer grade quality aluminum electrolytic capacitor that is suitable for computers, communication equipment and power supplies.
Highlights
* * * Industrial grade Computer grade Low profile mounting
Specifications
Capacitance Range: 10 to 10,000 F Voltage Range: 10 to 450 WVdc Capacitance Tolerance: 10 to 75 WVdc, -10 +75% 150 to 450 WVdc, -10 +50% Operating Temperature Range: -40 C to 85 C DC Leakage Current: I= 6 CV after 5 minutes Not to exceed 3 mA @ 25 C I = leakage current in A C = Capacitance in F V = Rated voltage Ripple Current Multipliers: Rated Ripple Multipliers
WVdc 0 to 50 51 to 150 151 & up Ambient Temp. Ripple Multiplier 60 Hz 0.8 0.8 0.8 400 Hz 1.05 1.08 1.15 1000 Hz 1.10 1.13 1.21 2400 Hz 1.14 1.16 1.25
+45 C +55 C +65 C +75 C +85 C 2.2 2.0 1.7 1.4 1.0
QA Stability Test: Apply WVdc for 1,000 h at 85 C * Capacitance change 15% from initial limits * DC leakage current meets initial limits * ESR 150% of initial measured value
Outline Drawing
1/32 Approx d Vent 2.500 .250 L .031 2.500 .250 Molded Plastic Seal
+
D .015
Parts are supplied with PVC insulating sleeve.
Add .010" to diameter and .125" max
to length to allow for insulation.
(Inches)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type TCG Axial Leaded Aluminum Electrolytic Capacitors
Ratings
Size Max ESR Max Ripple 120 Hz 120 Hz Diameter Length Lead 25 C 85 C D L Wire () (A) (Inches) (Inches) (d) 10 WVdc ( 12 Vdc Surge ) 2,500 TCG252U010L1C 2,500 TCG252U010N1C 3,500 TCG352U010N1L 5,000 TCG502U010N1G 5,500 TCG552U010N1L 10,000 TCG103U010L3C 10,000 TCG103U010N2C 2,500 TCG252U015G2L 2,900 TCG292U015G2L 4,000 TCG402U015N1L 4,100 TCG412U015N1L 5,000 TCG502U015J2L 6,300 TCG632U015L2L 8,000 TCG802U015N2L 8,200 TCG822U015N2L 10,000 TCG103U015N2L 1,000 TCG102U025N1C 1,100 TCG112U025J1L 2,000 TCG202U025N1L 2,200 TCG222U025J2L 4,000 TCG402U025L3C 500 TCG501U030J1C 1,100 TCG112U030G2L 2,100 TCG212U030L2L 2,400 TCG242U030L2L 2,500 TCG252U030N2L 3,000 TCG302U030L2C 250 TCG251U050G1G 500 TCG501U050G2L 500 TCG501U050N1C 600 TCG601U050G2L 600 TCG601U050L1G 1,100 TCG112U050N1G 0.170 0.171 0.092 0.082 0.081 0.046 0.048 0.126 0.110 0.085 0.083 0.067 0.055 0.045 0.044 0.038 0.216 0.190 0.154 0.098 0.057 0.369 0.169 0.072 0.082 0.078 0.065 0.499 0.156 0.262 0.211 0.215 1.050 1.407 1.521 2.424 2.488 2.584 4.274 3.772 1.989 2.134 2.518 2.544 3.015 3.612 4.269 4.310 4.634 1.352 1.431 2.137 2.487 3.827 0.874 1.721 3.159 2.961 3.005 3.004 0.742 1.788 1.227 1.539 1.363 2.480 0.875 1.000 1.000 1.000 1.000 0.875 1.000 0.625 0.625 1.000 1.000 0.750 0.875 1.000 1.000 1.000 1.000 0.750 1.000 0.750 0.875 0.750 0.625 0.875 0.875 1.000 0.875 0.625 0.625 1.000 0.625 0.875 1.000 1.125 1.125 1.625 1.375 1.625 3.125 2.125 2.625 2.625 1.625 1.625 2.625 2.625 2.625 2.625 2.625 1.125 1.625 1.625 2.625 3.125 1.125 2.625 2.625 2.625 2.625 2.125 1.375 2.625 1.125 2.625 1.375 1.375 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.032 0.032 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.032 0.040 0.040 0.040 0.040 0.032 0.032 0.040 0.032 0.040 0.040 100 TCG101T150J1L 110 TCG111T150J1L 250 TCG251T150L2C 530 TCG531T150N3C 560 TCG561T150N3C 210 TCG211T200N2C 300 TCG301T200N2C 430 TCG431U200N3L 50 TCG500T250L1G 100 TCG101T250L2C 200 TCG201T250N2L 20 TCG200T350G1L 20 TCG200T350J1C 30 TCG300T350G2C 30 TCG300T350L1C 40 TCG400T350N1C 50 TCG500T350N1G 100 TCG101T350N2C 160 TCG161T350N2L 180 TCG181T350N3C 10 TCG100T450G1L 10 TCG100T450J1C 12 TCG120T450J1G 20 TCG200T450G2L 20 TCG200T450N1C 50 TCG500T450N1L 50 TCG500T450N2C 60 TCG600T450N2L 85 TCG850T450N2L 1,200 TCG122U050L2C 2,300 TCG232U050N2L 2,500 TCG252U050N2L Size Max ESR Max Ripple 120 Hz 120 Hz Diameter Length Lead 25 C 85 C D L Wire () (A) (Inches) (Inches) (d) 50 WVdc ( 65 Vdc Surge ) 0.110 0.062 0.058 0.696 0.634 0.284 0.139 0.133 0.646 0.517 0.411 2.450 1.230 0.277 9.500 9.520 6.336 6.368 4.200 3.353 1.680 0.469 0.417 17.392 17.404 14.500 8.704 8.732 4.742 4.049 3.950 1.869 2.313 3.653 3.777 0.748 0.784 1.439 2.639 2.705 1.780 1.977 2.116 0.607 1.039 1.726 0.294 0.276 0.408 0.369 0.460 0.560 0.957 1.327 1.524 0.217 0.204 0.244 0.384 0.341 0.709 0.548 0.890 0.998 0.875 1.000 1.000 0.750 0.750 0.875 1.000 1.000 1.000 1.000 1.000 0.875 0.875 1.000 0.625 0.750 0.625 0.875 1.000 1.000 1.000 1.000 1.000 0.625 0.750 0.750 0.625 1.000 1.000 1.000 1.000 1.000 2.125 2.625 2.625 1.625 1.625 2.125 3.125 3.125 2.125 2.125 3.625 1.375 2.125 2.625 1.625 1.125 2.125 1.125 1.125 1.375 2.125 2.625 3.125 1.625 1.125 1.375 2.625 1.125 1.625 2.125 2.625 2.625 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.032 0.040 0.032 0.040 0.040 0.040 0.040 0.040 0.040 0.032 0.040 0.040 0.032 0.040 0.040 0.040 0.040 0.040
Cap (F)
Catalog Part Number
Cap (F)
Catalog Part Number
150 WVdc ( 175 Vdc Surge )
15 WVdc ( 20 Vdc Surge )
200 WVdc ( 250 Vdc Surge )
250 WVdc ( 300 Vdc Surge )
25 WVdc ( 30 Vdc Surge )
350 WVdc ( 400 Vdc Surge )
30 WVdc ( 40 Vdc Surge )
450 WVdc ( 525 Vdc Surge )
50 WVdc ( 65 Vdc Surge )
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type TCG Axial Leaded Aluminum Electrolytic Capacitors
Case Code Format for Type TCG
Case Code E1G E2C G1C G1G G1L G2C G2L G3C G3L J1C J1G J1L J2C J2L J3C J3L L1C L1G L1L L2C L2L L3C L3L N1C N1G N1L N2C N2L N3C N3L Case Code Chart Inches Millimeters D L D L 0.500 1.375 12.7 34.9 0.500 2.125 12.7 53.9 0.625 1.125 15.9 28.6 0.625 1.375 15.9 34.9 0.625 1.625 15.9 41.3 0.625 2.125 15.9 53.9 0.625 2.625 15.9 66.7 0.625 3.125 15.9 79.4 0.625 3.625 15.9 92.1 0.750 1.125 19.1 28.6 0.750 1.375 19.1 34.9 0.750 1.625 19.1 41.3 0.750 2.125 19.1 53.9 0.750 2.625 19.1 66.7 0.750 3.125 19.1 79.4 0.750 3.625 19.1 92.1 0.875 1.125 22.2 28.6 0.875 1.375 22.2 34.9 0.875 1.625 22.2 41.3 0.875 2.125 22.2 53.9 0.875 2.625 22.2 66.7 0.875 3.125 22.2 79.4 0.875 3.625 22.2 92.1 1.000 1.125 25.4 28.6 1.000 1.375 25.4 34.9 1.000 1.625 25.4 41.3 1.000 2.125 25.4 53.9 1.000 2.625 25.4 66.7 1.000 3.125 25.4 79.4 1.000 3.625 25.4 92.1 d Inches 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 AWG #20 #20 #20 #20 #20 #20 #20 #20 #20 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of TCG600T450N2L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X